|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Agilent MSA-2643 Cascadable Silicon Bipolar Gain Block MMIC Amplifier Data Sheet Applications * Cellular/PCS/WLL basestations * Wireless data/ WLAN * Fiber-optic systems * ISM Description Agilent Technologies' MSA-2643 is a low current silicon gain block MMIC amplifier housed in a 4-lead SC-70 (SOT-343) surface mount plastic package. Providing a nominal 15.9 dB gain at up to 9.4 dBm Pout, this device is ideal for small-signal gain stages or IF amplification. The Darlington feedback structure provides inherent broad bandwidth performance. The 25 GHz ft fabrication process results in a device with low current draw and useful operation to past 3 GHz. Typical Biasing Configuration VCC = 5 V Rc C bypass Features * Small signal gain amplifier * Low current draw * Wide bandwidth * 50 Ohms input & output * Low cost surface mount small plastic package SOT-343 (4 lead SC-70) * Tape-and-reel packaging option available * General purpose gain block amplifier Surface Mount Package SOT-343/4-lead SC70 Pin Connections and Package Marking Specifications 2 GHz; 5V, 27 mA (typ.) * 15.9 dB associated gain GROUND RF OUT/BIAS GROUND 26x * 9.4 dBm P1dB * 3.6 dB noise figure * 21.9 dBm output IP3 * Useful gain past 3 GHz C block MSA RFin Note: Top View. Package marking provides orientation and identification. `x' is a character to identify date code. RFC C block IN OUT Vd = 3.4 V MSA-2643 Absolute Maximum Ratings [1] Symbol Id Pdiss Pin max. TJmax TSTG jc Parameter Device Current Total Power Dissipation [2] RF Input Power Junction Temperature Storage Temperature Thermal Resistance [3] Units mA mW dBm C C C/W Absolute Maximum 70 230 18 150 -65 to 150 128 Notes: 1. Operation of this device above any one of these parameters may cause permanent damage. 2. Ground lead temperature is 25C. Derate 7.4 mW/C for TL > 119C. 3. Thermal resistance measured using 150C Liquid Crystal Measurement method. Electrical Specifications TA = +25C, Id = 27 mA, ZO = 50, RF parameters measured in a test circuit for a typical device Symbol Vd GP GP F3dB VSWRin VSWRout NF P1dB OIP3 DV/dT Parameter and Test Condition Device Voltage, Id =27 mA Power Gain (|S21|2) Gain Flatness 3 dB Bandwidth Input Voltage Standing Wave Ratio Output Voltage Standing Wave Ratio 50 Noise Figure Output Power at 1 dB Gain Compression Output Third Order Intercept Point Device Voltage Temperature Coefficient Frequency 900 MHz 2 GHz 0.1 to 2 GHz Units V dB Min. 3.0 14.5 Typ. [1] 3.4 16.9 15.9 0.56 4.2 1.8:1 1.5 :1 Max. 3.8 17.5 0.03 0.2 0.2 dB GHz 0.1 to 6 GHz 0.1 to 6 GHz 900 MHz 2 GHz 900 MHz 2 GHz 900 MHz 2 GHz dB dBm dBm mV/C 3.5 3.6 10.6 9.4 24.8 21.9 -4.4 0.15 0.11 0.07 0.07 0.09 0.17 Notes: 1. Typical value determined from a sample size of 500 parts from 6 wafers. 2. Standard deviation is based on 500 samples taken from 6 different wafers. Future wafers allocated to this product may have typical values anywhere between the minimum and maximum specification limits. Input 50 Ohm Transmission Line (0.5 dB loss) DUT 50 Ohm Transmission Line Including Bias T (1.05 dB loss) Output Block diagram of 2 GHz production test board used for gain measurements. Circuit losses have been de-embedded from actual measurements. 2 MSA-2643 Typical Performance 70 60 50 GAIN (dB) Id (mA) 40 30 20 10 2.0 -40C +25C +85C 18 17 16 15 14 13 12 2.5 3.0 Vd (V) 3.5 4.0 4.5 0 10 20 30 40 50 60 70 Id (mA) -40C +25C +85C 5 4 NF (dB) 3 2 -40C +25C +85C 1 0 0 10 20 30 40 50 60 70 Id (mA) Figure 1. Id vs. Vd and Temperature. Figure 2. Gain vs. Id and Temperature at 2 GHz. 30 25 Figure 3. NF vs. Id and Temperature at 2 GHz. 20 15 10 5 0 -5 -10 0 10 20 30 40 50 60 70 Id (mA) -40C +25C +85C 20 15 P1dB (dBm) OIP3 (dBm) 20 GAIN (dB) -40C +25C +85C 15 10 5 0 0 20 40 Id (mA) 60 80 10 5 0 0 2000 4000 6000 8000 10000 FREQUENCY (MHz) Figure 4. P1dB vs. Id and Temperature at 2 GHz. 8 Figure 5. OIP3 vs. Id and Temperature at 2 GHz. Figure 6. Gain vs. Frequency at Id = 27 mA. 15 30 6 P1dB (dBm) NF (dB) 10 OIP3 (dBm) 0 2000 4000 6000 8000 10000 12000 20 5 4 0 10 2 -5 0 0 2000 4000 6000 8000 10000 12000 FREQUENCY (MHz) -10 FREQUENCY (MHz) 0 0 2000 4000 6000 8000 10000 FREQUENCY (MHz) Figure 7. Noise Figure vs. Frequency at Id = 27 mA. Figure 8. P1dB vs. Frequency at Id = 27 mA. Figure 9. OIP3 vs. Frequency at Id = 27 mA. 3 MSA-2643 Typical Performance, continued 35 30 25 100 900 1900 2400 20 8 10000 15 OIP3 (dBm) GAIN (dB) 20 15 10 5 0 0 20 40 Id (mA) 60 80 5800 7000 8000 9000 10000 10 NF (dB) 100 900 1900 2400 5800 7000 8000 9000 10000 6 9000 8000 7000 5800 2400 1900 900 100 4 5 2 0 0 20 Id (mA) 40 60 0 0 10 20 30 40 50 60 70 Id (mA) Figure 10. OIP3 vs. Id and Frequency (MHz). Figure 11. Gain vs. Id and Frequency (MHz). Figure 12. NF vs. Id and Frequency (MHz). 20 100 900 0 0 15 10 5 0 -5 -10 0 20 40 Id (mA) 60 1900 2400 -5 -5 P1dB (dBm) 5800 7000 8000 9000 10000 -15 27 mA 45 mA 60 mA ORL (dB) IRL (dB) -10 -10 -15 27 mA 45 mA 60 mA -20 -20 -25 80 0 2 4 6 8 10 FREQUENCY (GHz) -25 0 2 4 6 8 10 FREQUENCY (GHz) Figure 13. P1dB vs. Id and Frequency (MHz). Figure 14. Input Return Loss vs. Frequency and Id. Figure 15. Output Return Loss vs. Frequency and Id. 4 MSA-2643 Typical Scattering Parameters TA = 25C, Id = 27 mA Freq (GHz) 0.1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 s11 Mag 0.13 0.14 0.18 0.22 0.25 0.27 0.28 0.28 0.27 0.26 0.25 0.24 0.24 0.23 0.23 0.23 0.23 0.26 0.30 0.37 0.44 s11 Ang 0 8 -1 -12 -25 -38 -50 -63 -77 -93 -111 -131 -155 -175 -198 -222 -246 -269 71 54 39 s21 (dB) 17.0 17.0 16.8 16.4 15.9 15.5 15.0 14.6 14.2 13.7 13.3 12.8 12.2 11.7 11.2 10.6 10.0 9.4 8.7 8.1 7.3 s21 (Mag) 7.21 7.21 7.04 6.79 6.49 6.18 5.88 5.59 5.31 5.06 4.79 4.52 4.24 4.01 3.77 3.53 3.28 3.06 2.84 2.64 2.42 s21 (Ang) 177 163 146 130 114 99 85 71 57 43 29 16 3 -10 -22 -35 -48 -60 -72 -84 -97 s12 (dB) -20.7 -20.8 -21.1 -21.4 -21.5 -21.6 -21.6 -21.5 -21.3 -21.1 -20.8 -20.6 -20.3 -19.8 -19.3 -18.8 -18.5 -18.0 -17.1 -16.3 -15.6 s12 (Mag) 0.093 0.092 0.088 0.085 0.084 0.083 0.084 0.084 0.086 0.088 0.091 0.093 0.097 0.102 0.108 0.115 0.119 0.127 0.139 0.153 0.165 s12 (Ang) -1 -4 -7 -8 -8 -8 -9 -9 -10 -11 -13 -14 -15 -17 -20 -23 -27 -29 -32 -38 -45 s22 (Mag) 0.15 0.17 0.19 0.21 0.21 0.21 0.19 0.17 0.15 0.14 0.14 0.15 0.17 0.19 0.21 0.22 0.23 0.25 0.29 0.35 0.43 s22 (Ang) -4 -25 -49 -67 -81 267 255 241 224 205 187 174 164 158 150 141 128 117 106 97 88 K 1.1 1.1 1.1 1.1 1.1 1.2 1.2 1.2 1.2 1.2 1.3 1.3 1.3 1.3 1.3 1.3 1.3 1.3 1.2 1.1 1.0 Notes: 1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead. The output reference plane is at the end of the output lead. The parameters include the effect of four plated through via holes connecting ground landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the carrier. Two 0.020 inch diameter via holes are placed within 0.010 inch from each ground lead contact point, one via on each side of that point. 5 MSA-2643 Typical Scattering Parameters TA = 25C, Id = 45 mA Freq (GHz) 0.1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 s11 Mag 0.10 0.11 0.15 0.19 0.22 0.25 0.26 0.26 0.25 0.24 0.22 0.22 0.21 0.21 0.21 0.21 0.22 0.24 0.29 0.36 0.43 s11 Ang 1 16 6 -7 -20 -33 -46 -58 -73 -88 -107 -128 -153 -174 -197 -222 -248 90 70 53 38 s21 (dB) 17.7 17.7 17.5 17.2 16.8 16.3 15.8 15.4 14.9 14.5 14.0 13.5 12.9 12.4 11.9 11.3 10.7 10.1 9.5 8.8 8.1 s21 (Mag) 7.69 7.67 7.49 7.21 6.88 6.54 6.20 5.87 5.57 5.30 5.01 4.72 4.43 4.18 3.93 3.69 3.43 3.20 2.97 2.76 2.53 s21 (Ang) 177 163 146 129 114 99 84 70 56 43 29 16 3 -10 -23 -35 -48 -60 -72 -84 -97 s12 (dB) -21.0 -21.1 -21.4 -21.6 -21.8 -21.8 -21.8 -21.7 -21.5 -21.3 -21.0 -20.7 -20.3 -19.8 -19.3 -18.7 -18.4 -17.8 -17.0 -16.2 -15.5 s12 (Mag) 0.089 0.088 0.085 0.083 0.082 0.081 0.082 0.083 0.085 0.087 0.090 0.092 0.097 0.102 0.109 0.116 0.121 0.129 0.141 0.156 0.168 s12 (Ang) -1 -4 -6 -7 -7 -7 -8 -8 -9 -10 -11 -12 -13 -15 -18 -22 -25 -27 -31 -37 -44 s22 (Mag) 0.12 0.13 0.15 0.17 0.18 0.17 0.16 0.14 0.12 0.12 0.12 0.13 0.16 0.18 0.19 0.20 0.22 0.24 0.28 0.35 0.42 s22 (Ang) -4 -27 -54 -72 -85 263 250 236 218 197 179 167 159 154 147 138 125 114 104 95 86 K 1.1 1.1 1.1 1.1 1.1 1.2 1.2 1.2 1.2 1.2 1.2 1.3 1.3 1.3 1.2 1.2 1.3 1.3 1.2 1.1 1.0 Notes: 1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead. The output reference plane is at the end of the output lead. The parameters include the effect of four plated through via holes connecting ground landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the carrier. Two 0.020 inch diameter via holes are placed within 0.010 inch from each ground lead contact point, one via on each side of that point. MSA-2643 Typical Scattering Parameters TA = 25C, Id = 60 mA Freq (GHz) 0.1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 s11 Mag 0.08 0.09 0.14 0.18 0.21 0.24 0.25 0.25 0.25 0.23 0.22 0.21 0.21 0.21 0.21 0.21 0.22 0.25 0.30 0.36 0.44 s11 Ang 2 20 9 -4 -18 -31 -44 -57 -72 -88 -107 -128 -153 -175 -199 -224 -250 88 68 52 36 s21 (dB) 17.9 17.9 17.7 17.3 16.9 16.5 16.0 15.5 15.1 14.6 14.1 13.6 13.0 12.5 12.0 11.4 10.8 10.2 9.5 8.9 8.1 s21 (Mag) 7.86 7.84 7.65 7.36 7.02 6.67 6.31 5.97 5.66 5.37 5.08 4.78 4.49 4.23 3.97 3.72 3.45 3.22 2.99 2.78 2.54 s21 (Ang) 177 163 146 129 113 98 84 70 56 42 28 15 2 -11 -24 -36 -49 -61 -73 -85 -98 s12 (dB) -21.1 -21.2 -21.5 -21.7 -21.8 -21.9 -21.8 -21.7 -21.5 -21.3 -21.0 -20.7 -20.4 -19.9 -19.3 -18.8 -18.4 -17.9 -17.1 -16.2 -15.5 s12 (Mag) 0.088 0.087 0.084 0.082 0.081 0.081 0.081 0.083 0.085 0.086 0.089 0.092 0.096 0.101 0.108 0.115 0.120 0.128 0.140 0.155 0.167 s12 (Ang) -1 -4 -6 -6 -7 -7 -7 -8 -8 -9 -11 -12 -13 -15 -18 -21 -25 -27 -31 -36 -44 s22 (Mag) 0.11 0.12 0.14 0.16 0.16 0.16 0.14 0.12 0.10 0.10 0.10 0.12 0.14 0.16 0.18 0.19 0.20 0.23 0.27 0.34 0.41 s22 (Ang) -4 -28 -55 -73 -86 262 250 236 217 195 177 165 158 155 148 139 126 116 105 96 87 K 1.1 1.1 1.1 1.1 1.1 1.2 1.2 1.2 1.2 1.2 1.3 1.3 1.3 1.3 1.3 1.3 1.3 1.3 1.2 1.1 1.0 Notes: 1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead. The output reference plane is at the end of the output lead. The parameters include the effect of four plated through via holes connecting ground landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the carrier. Two 0.020 inch diameter via holes are placed within 0.010 inch from each ground lead contact point, one via on each side of that point. 6 MSA-2643 ADS Model INSIDE Package Var Ean VAR VAR1 K=5 Z1=85 Z2=30 C C1 C=0.158 pF INPUT Port IN Num=1 VIA2 V1 D=20.0 mil H=25.0 mil T=0.15 mil Rho=1.0 W=40.0 mil TLINP TL4 Z=Z1 Ohm L=15 mil K=1 A=0.000 F=1 GHz TanD=0.001 TLINP TL1 Z=Z2/2 Ohm L=20 0 mil K=K A=0.0000 F=1 GHz TanD=0.001 L L1 L=0.833 nH R=0.001 TLINP TL2 Z=Z2/2 Ohm L=20 0 mil K=K A=0.0000 F=1 GHz TanD=0.001 L L6 L=0.313 nH R=0.001 C C2 C=0.155 pF L L7 L=0.407 nH R=0.001 TLINP TL7 Z=Z2/2 Ohm L=5.0 mil K=K A=0.0000 F=1 GHz TanD=0.001 TLINP TL5 Z=Z2 Ohm L=26.0 mil K=K A=0.0000 F=1 GHz TanD=0.001 TLINP TL8 Z=Z1 Ohm L=15.0 mil K=1 A=0.0000 F=1 GHz TanD=0.001 VIA2 V3 D=20.0 mil H=25.0 mil T=0.15 mil Rho=1.0 W=40.0 mil GROUND Port Gnd2 Num=4 TLINP TL3 Z=Z2 Ohm L=25 mil K=K A=0.000 F=1 GHz TanD=0.001 die_MSA26 X1 GROUND Port Gnd1 Num=2 TLINP TL10 Z=Z1 Ohm L=15 mil K=1 A=0.000 F=1 GHz TanD=0.001 TLINP TL9 Z=Z2 Ohm L=10.0 mil K=K A=0.000 F=1 GHz TanD=0.001 L L4 L=0.386 nH R=0.001 VIA2 V4 D=20.0 mil H=25.0 mil T=0.15 mil Rho=1.0 W=40.0 mil OUTPUT Port Out Num=3 VIA2 V2 D=20.0 mil H=25.0 mil T=0.15 mil Rho=1.0 W=40.0 mil TLINP TL6 Z=Z1 Ohm L=15.0 mil K=1 A=0.0000 F=1 GHz TanD=0.001 MSub MSUB MSub1 H=25.0 mil Er=9.6 Mur=1 Cond=1.0E+50 Hu=3.9e+034 mil T=0.15 mil TanD=0 Rough=0 mil Note: Vias are not part of the package. They are only added during simulation to account for the vias in the test fixture. Port P2 Num=2 R R1 R=560 Ohm Q1_MSA26F X1 Port P1 Num=1 Q2_MSA26F X2 R R2 R=660 Ohm R R3 R=250 Ohm R R4 R=5 Ohm C C1 C=4.0 pF Port P3 Num=3 7 Q1 MSA-26 Transistor Model Port P1 Num=1 R RCX R=6.386 Ohm TC1=0.113e-02 C CCOX C=1.851e-14 F Diode DIODEI Model=DIODEMI Area= Region= Temp= Mode=nonlinear Diode_Model DIODEMI Is=1.405e-17 Rs= N=1 Tt= Cjo=2.281e-14 Vj=0.729 M=0.44 Eg= Imox= xti= Kf= Af= Fc=0.8 Tnom=21 Bv= Ibv= R RBX R=3.723 Ohm TC1=0.14e-02 Port P2 Num=2 CEOX C=6.01e - 15F Diode DIODE3 Model=DIODEM3 Area= Region= Temp= Mode=nonlinear Isr= Nr= Ikf= Nbv= Ibvl= Nbvl= Tnom=21 Ffe= AllParams= Diode DIODE2 Model=DIODEM2 Area= Region= Temp= Mode=nonlinear BJT4_NPN BJTl Model=BJTMI Area=1 Region= Temp= Mode=nonlinear R RE R=2.158 Ohm BJT_Model BJTMI NPN=yes PNP=no Bf=le6 lkf=1.474e-01 lse=7.094e-20 Ne=1.006 Vaf=44 Nf=1 Tf=5.371e-12 Xtf=20 Vtf=0.8 Itf=2.218E-1 Ptf=22 Xtb=0.7 Approxqb=yes Port R P3 RSE Num=3 R=1 Ohm Br=1 Ikr=1.1e-2 Isc= Nc=2 Var=3.37 Nr=1.005 Tr=4e-9 Eg=1.17 Is=4.475e-18 Imax= Xti=3 Tnom=21 Nk= Iss= Ns= Cjc=2.921e-14 Vjc=0.6775 Mjc=0.3319 Xcjc=4.398e-1 Fc=0.8 Cje=7.546e-14 Vje=0.9907 Mje=0.5063 Cjs= Vjs= Mjs= Rb=9.301 Irb=8.18e-5 Rbm=0.1 RbModel=MDS Re= Rc= Kf=1.643e-23 Af=2 Kb= Ab= Fb= Ffe= Lateral=no AllParams= Diode_Model DIODEM2 Is=1e-24 Rs= N=1.0029 Tt= Cjo=2.452e-14 Vj=0.8971 M=2.292e-1 Eg= Imox= Xti= Kf= Af= Fc=0.8 Bv= Ibv= Isr= Nr= Ikf= Nbv= Ibvl= Nbvl= Tnom=21 Ffe= AllParams= Diode_Model DIODEM3 Is=1e-24 Rs=2.173e2 N= Tt= Cjo=8.822e-14 Vj=0.6 M=0.42 Eg= Imox= Xti= Kf= Af= Fc=0.8 Bv= Ibv= Isr= Nr= Ikf= Nbv= Ibvl= Nbvl= Tnom=21 Ffe= AllParams= Q2 MSA-26 Transistor Model Port P1 Num=1 R RCX R=1.716 Ohm TC1=0.113e-02 C CCOX C=6.598e-14 F Diode DIODEI Model=DIODEMI AreaRegion= Temp= Mode=nonlinear Diode DIODE3 Model=DIODEM3 Area= Region= Temp= Mode-nonlinear BJT4_NPN BJTl Model=BJTMI Area=4 Region= Temp= Mode=nonlinear Diode_Model DIODEMI Is=5.62e-17 Rs= N=1 Tt= Cjo=9.676e-14 Vj=0.729 M=0.44 Eg= Imox= xti= Kf= Af= Fc=0.8 Bv= Ibv= Isr= Nr= Ikf= Nbv= Ibvl= Nbvl= Tnom=21 Ffe= AllParams= R RBX R=0.463 Ohm TC1=0.14e-02 Port P2 Num=2 CEOX C=2.417e-14 F Diode DIODE2 Model=DIODEM2 Area= Region= Temp= Mode=nonlinear R RE R=0.443 Ohm BJT_Model BJTMI NPN=yes PNP=no Bf=le6 lkf=5.895e-01 lse=2.838e-19 Ne=1.006 Vaf=44 Nf=1 Tf=5.37e-12 Xtf=20 Vtf=0.8 Itf=8.872e-01 Ptf=22 Xtb=0.7 Approxqb=yes Port P3 Num=3 Br=1 Ikr=4.4e-02 Isc= Nc=2 Var=3.37 Nr=1.005 Tr=4e-9 Eg=1.17 Is=1.79e-17 Imax= Xti=3 Tnom=21 Nk= Iss= Ns= Cjc=3.717e-14 Vjc=0.6775 Mjc=0.3319 Xcjc=4.398e-1 Fc=0.8 Cje=3.217e-13 Vje=0.9907 Mje=0.5063 Cjs= Vjs= Mjs= Rb=2.325 Irb=3.272e-4 Rbm=2.5e-02 RbModel=MDS R RSE R=1 Ohm Diode_Model DIODEM2 Is=1e-24 Rs= N=1.0029 Tt= Cjo=9.023e-14 Vj=0.8971 M=2.292e-1 Eg= Imox= Xti= Kf= Af= Fc=0.8 Bv= Ibv= Isr= Nr= Ikf= Nbv= Ibvl= Nbvl= Tnom=21 Ffe= AllParams= Re= Rc= Kf=1.026e-24 Af=2 Kb= Ab= Fb= Ffe= Lateral=no AllParams= Diode_Model DIODEM3 Is=1e-24 Rs=1.695e2 N= Tt= Cjo=1.906e-14 Vj=0.6 M=0.42 Eg= Imox= Xti= Kf= Af= Fc=0.8 Bv= Ibv= Isr= Nr= Ikf= Nbv= Ibvl= Nbvl= Tnom=21 Ffe= AllParams= 8 MSA-2643 RFIC Amplifier Description Agilent Technologies' MSA-2643 is a low current silicon gain block RFIC amplifier housed in a 4-lead SC-70 (SOT-343) surface mount plastic package. Providing a nominal 16.9 dB gain at up to +14.5 dBm Pout, this device is ideal for small-signal gain stages or IF amplification. The Darlington feedback structure provides inherent broad bandwidth performance. The 25 GHz f t fabrication process results in a device with low current draw and useful operation above 3 GHz. A feature of the MSA-2643 is its broad bandwidth that is useful in many satellite-based TV, cable TV and datacom systems. In addition to use in buffer and driver amplifier applications in the TV market, the MSA-2643 will find many applications in wireless communication systems. Application Guidelines The MSA-2643 is very easy to use. For most applications, all that is required to operate the MSA-2643 is to apply 27 mA to 45 mA to the RF Output pin. RF Input and Output The RF Input and Output ports of the MSA-25643 are closely matched to 50. DC Bias The MSA-2643 is a current-biased device that operates from a 27 mA to 45 mA current source. Curves of typical performance as a function of bias current are shown in section one of the data sheet. Figure 1 shows a typical implementation of the MSA-2643. The supply current for the MSA-2643 must be applied to the RF Output pin. The power supply connection to the RF Output pin is achieved by means of a RF choke (inductor). The value of the RF choke must be large relative to 50 in order to prevent loading of the RF Output. The supply voltage end of Rc is bypassed to ground with a capacitor. Blocking capacitors are normally placed in series with the RF Input and the RF Output to isolate the DC voltages on these pins from circuits adjacent to the amplifier. The values for the blocking and bypass capacitors are selected to provide a reactance at the lowest frequency of operation that is small relative to 50. Vd C2 This layout provides ample allowance for package placement by automated assembly equipment without adding parasitics that could impair the high frequency RF performance of the MSA-2643. The layout is shown with a footprint of a SOT-343 package superimposed on the PCB pads for reference. Starting with the package pad layout in Figure 3, an RF layout similar to the one shown in Figure 3 is a good starting point for microstripline designs using the MSA-2643 amplifier. PCB Materials FR-4 or G-10 type materials are good choices for most low cost wireless applications using single or multi-layer printed circuit boards. Typical single-layer board thickness is 0.020 to 0.031 inches. Circuit boards thicker than 0.031 inches are not recommended due to excessive inductance in the ground vias. This is discussed in more detail in the section on RF grounding. Applications Example The printed circuit layout in Figure 3 is a multi-purpose layout that will accommodate components for using the MSA-2643 for RF inputs from DC through 3 GHz. This layout is a microstripline design (solid groundplane on the backside of the circuit board) with 50 interfaces for the RF input and output. The circuit is fabricated on 0.031-inch thick FR-4 dielectric material. Plated through holes (vias) are used to bring the ground to the top side of the circuit where needed. Multiple vias are used to reduce the inductance of the paths to ground. 26x C1 RFC Vcc Rc C3 Figure 1. Schematic Diagram with Bias Connections. PCB Layout A recommended PCB pad layout for the miniature SOT-343 (SC-70) package that is used by the MSA-2643 is shown in Figure 2. 1.30 0.051 0.80 0.031 0.50 0.020 1.71 0.067 .080 0.031 1.15 0.045 Figure 2. PCB Pad Layout for MSA-2643. Package dimensions in mm/inches. 9 Agilent Technologies IP 4/00 MSA-2X43 IN OUT Vcc Figure 3. Multi-purpose Evaluation Board. The amplifier and related components are assembled onto the printed circuit board as shown in Figure 6. The MSA-2X43 circuit board is designed to use edgemounting SMA connectors such as Johnson Components, Inc., Model 142-0701-881. These connectors are designed to slip over the edge of 0.031-inch thick circuit boards and obviate the need to mount PCBs on a metal base plate for testing. The center conductors of the connectors are soldered to the input and output microstrip lines. The ground pins are soldered to the ground plane on the back of the board and to the top ground pads. DC blocking capacitors are required at the input and output of the IC. The values of the blocking capacitors are determined by the lowest frequency of operation for a particular application. The capacitor's reactance is chosen to be 10% or less of the amplifier's input or output impedance at the lowest operating frequency. For example, an amplifier to be used in an application covering the 900 MHz band would require an input blocking capacitor of at least 39 pF, which is 4.5 of reactance at 900 MHz. The Vcc connection to the amplifier must be RF bypassed by placing a capacitor to ground at the bias pad of the board. Like the DC blocking capacitors, the value of the Vcc bypass capacitor is determined by the lowest operating frequency for the amplifier. Space is available on the circuit board to add a bias choke, bypass capacitors, and collector resistors. The MSA series of ICs requires a bias resistor to ensure thermal stability. The bias resistor value is calculated from the operating current value, device voltage and the supply voltage; see equation below. When applying bias to the board, start at a low voltage level and slowly increase the voltage until the recommended current is reached. Both power and gain can be adjusted by varying Id. Rc = Vcc - Vd Id taken into account. The characterization data in section one shows the relationship between Vd and Id over temperature. At lower temperatures the value of Vd increases. The increase in Vd at low temperatures and production variations may cause potential problems for the amplifier performance if it is not taken into account. One solution would be to increase the voltage supply to have at least a 4V drop across the bias resistor Rc. This will guarantee good temperature stability over temperature. Table 1 shows the effects of Rc on the performance of the MSA-2643 over temperature. An alternative solution to ensure good temperature stability without having a large voltage drop across a resistor would be to use an active bias circuit as shown in Figure 4. The resistors R1 and the PNP transistor connected to form a diode by connecting the base and collector together and R2 form a potential diver circuit to set the base voltage of the bias PNP transistor. The diode connected PNP transistor is used to compensate for the voltage variation with temperature of the bias PNP transistor. R3 provides a bleed path for any excess bias; it Where: Vcc = The power supply voltage applied to Rc (volts) Vd = The device voltage (volts) Id = The quiescent bias current drawn by the device Notes on Rc Selection The value of Rc is dependant on Vd, any production variation in Vd will have an effect on Id. As the gain and power performance of the MSA-2643 may be adjusted by varying Id this will have to be Table 1. Effects of Rc on Performance over Temperature. Operating voltage = 3.4V nominally. Voltage Drop, volts 0 Resistor Value, Ohms 0 Temperature, C 0 25 85 0 25 85 0 25 85 0 25 85 Bias Current, mA 16.7 27.0 40.7 25.4 27.0 30.5 26.2 27.0 28.5 26.5 27.0 28.0 Power Gain @ 2.0 GHz, dB 14.8 15.4 15.3 15.6 15.4 15.0 15.6 15.4 15.1 15.6 15.4 15.1 1.5 56 4.0 150 6.5 240 10 is a safety feature and can be omitted from the circuit, a typical value for R3 is 1K. Rc is a feedback element that keeps Id constant. The value of Rc is approximated by assuming a 0.5V drop across it; see equation below. For 27 mA Id, 5Volt Vcc bias, a typical value for R1 is 680 and R2 is 180. A CAD program such as Agilent Technologies ADS (R) is recommended to determine the values of R1 and R2 at other bias levels. The value of the RF choke should be large compared to 50, typical value for a 1.9 GHz amplifier would be 22 nH. The DC blocking capacitors are calculated as described above. A typical value for C3 would be 1.0 uF. Rc = 0.5 Id The active bias solution will only require about a 1.3V difference between Vcc and Vd for good bias stability over temperature. For more details on the active bias circuit please refer to application note AN-A003 Biasing MODAMP MMICs. Vd C2 C2=18 pF Table 2. Component Parts List for the MSA-2643 Amplifier at 1.9 GHz. R1 Vcc=5V 26x C1=18 pf RFC= 22 nH Rc=150 56 chip resistor 22 nH LL1608-FH22N 18 pF chip capacitor 330 pF chip capacitor RFC C1,C2 C3 C3=330 pF Figure 5. Schematic of 1.9 GHz Circuit. A schematic diagram of the complete 1.9 GHz circuit with DC biasing is shown in Figure 5. DC bias is applied to the MSA-2643 through the RFC at the RF Output pin. The power supply connection is bypassed to ground with capacitor C3. Provision is made for an additional bypass capacitor, C4, to be added to the bias line near the +5 volt connection. C4 will not normally be needed unless several stages are cascaded using a common power supply. The input terminal of the MSA-2643 is not at ground potential, an input DC blocking capacitor is needed. The values of the DC blocking and RF bypass capacitors should be chosen to provide a small reactance (typically < 5 ohms) at the lowest operating frequency. For this 1.9 GHz design example, 18 pF capacitors with a reactance of 4.5 ohms are adequate. The reactance of the RF choke (RFC) should be high (i.e., several hundred ohms) at the lowest frequency of operation. A 22 nH inductor with a reactance of 262 ohms at 1.9 GHz is sufficiently high to minimize the loss from circuit loading. The completed 1.9 GHz amplifier for this example with all components and SMA connectors assembled is shown in Figure 6. Agilent Technologies IP 4/00 MSA-2X43 IN OUT Figure 6. Complete 1.9 GHz Amplifier. 26x C3 C1 RFC Vcc R3 R1 Rc R2 Performance of MSA-2643 1.9 GHz Amplifier The amplifier is biased at a Vcc of 5 volts, Id of 27 mA. The measured gain, noise figure, input and output return loss of the completed amplifier is shown in Figure 7. Noise figure is a nominal 3.8 to 4.0 dB from 1800 through 2000 MHz. Gain is a minimum of 15.4 dB from 1800 MHz through 2000 MHz. The amplifier output intercept point (OIP3) was measured at a nominal +20.7 dBm. P-1dB measured +8.8 dBm. 24 26x Vcc Figure 4. Active Bias Circuit. GAIN, NOISE FIGURE, INPUT and OUTPUT RETURN LOSS (dB) 16 8 0 -8 Gain 1.9 GHz Design To illustrate the simplicity of using the MSA-2643, a 1.9 GHz amplifier for PCS type applications is presented. The amplifier uses a 5V, 27 mA supply. The input and output of the MSA-2643 is already well matched to 50 and no additional matching is needed. Noise Input RL -16 -24 1.5 Output RL 1.7 1.9 FREQUENCY (GHz) 2.1 2.3 Figure 7. Gain, Noise Figure, Input and Output Return Loss Results. 11 900 MHz Design The 900 MHz example follows the same design approach that was described in the previous 1900 MHz design. A schematic diagram of the complete 900 MHz circuit is shown in Figure 8. And the component part list is show in Table 3. C2=39 pF 20 GAIN, NOISE FIGURE,INPUT and OUTPUT RETURN LOSS (dB) 15 10 5 0 -5 -10 -15 -20 0.4 Output RL 0.6 0.8 1.0 Gain Noise Input RL 1.2 1.4 26x C1=39 pf RFC= 47 nH Vcc=5V Rc=39 C3=680 pF FREQUENCY (GHz) Figure 9. Gain, Noise Figure, Input and Output Return Loss Results. Figure 8. Schematic of 900 MHz Circuit. Table 3. Component Parts List for the MSA-2643 Amplifier at 900 MHz. R1 RFC C1,C2 C3 39 chip resistor 47 nH LL1608-FH47N 39 pF chip capacitor 680 pF chip capacitor Designs for Other Frequencies The same basic design approach described above for 1.9 GHz can be applied to other frequency bands. Inductor values for matching the input for low noise figure are shown in Table 4. Table 4. Input and Output Inductor Values for Various Operating Frequencies. Frequency 400 MHz 900 MHz 1900 MHz 2.4 GHz 3.5 GHz 5.8 GHz C1 & C2, pF 88 39 18 15 18 1.8 RFC, nH 100 47 22 18 15 6.8 C3, pF 1500 680 330 270 22 10 Notes on RF Grounding The performance of the MSA series is sensitive to ground path inductance. Good grounding is critical when using the MSA-2643. The use of via holes or equivalent minimal path ground returns as close to the package edge as is practical is recommended to assure good RF grounding. Multiple vias are used on the evaluation board to reduce the inductance of the path to ground. The effects of the poor grounding may be observed as a "peaking" in the gain versus frequency response, an increase in input VSWR, or even as return gain at the input of the RFIC. A Final Note on Performance Actual performance of the MSA RFIC mounted on the demonstration board may not exactly match data sheet specifications. The board material, passive components, and connectors all introduce losses and parasitics that may degrade device performance, especially at higher frequencies. Some variation in measured results is also to be expected as a result of the normal manufacturing distribution of products. Statistical Parameters Several categories of parameters appear within this data sheet. Parameters may be described with values that are either "minimum or maximum," "typical," or "standard deviations." Performance of MSA-2643 900 MHz Amplifier The amplifier is biased at a Vcc of 5 volts, Id of 40 mA. The measured gain, noise figure, input and output return loss of the completed amplifier is shown in Figure 9. Noise figure is a nominal 3.8 to 4.0 dB from 800 through 1000 MHz. Gain is a minimum of 17.1 dB from 800 MHz through 1000 MHz. The input return loss at 900 MHz is 15.2 dB with a corresponding output return loss of 16.9 dB. The amplifier output intercept point (OIP3) was measured at a nominal +28.2 dBm. P-1dB measured +14.6 dBm. Actual component values may differ slightly from those shown in Table 3 due to variations in circuit layout, grounding, and component parasitics. A CAD program such as Agilent Technologies' ADS (R) is recommended to fully analyze and account for these circuit variables. 12 The values for parameters are based on comprehensive product characterization data, in which automated measurements are made on of a minimum of 500 parts taken from six non-consecutive process lots of semiconductor wafers. The data derived from product characterization tends to be normally distributed, e.g., fits the standard bell curve. Parameters considered to be the most important to system performance are bounded by minimum or maximum values. For the MSA-2643, these parameters are: Gain (Gtest) and Device Voltage (Vd). Each of the guaranteed parameters is 100% tested as part of the manufacturing process. Values for most of the parameters in the table of Electrical Specifications that are described by typical data are the mathematical mean (), of the normal distribution taken from the characterization data. For parameters where measurements or mathematical averaging may not be practical, such as S-parameters or Noise Parameters and the performance curves, the data represents a nominal part taken from the center of the characterization distribution. Typical values are intended to be used as a basis for electrical design. To assist designers in optimizing not only the immediate amplifier circuit using the MSA-2643, but to also evaluate and optimize tradeoffs that affect a complete wireless system, the standard deviation () is provided for many of the Electrical Specifications parameters (at 25C) in addition to the mean. The standard deviation is a measure of the variability about the mean. It will be recalled that a normal distribution is completely described by the mean and standard deviation. Standard statistics tables or calculations provide the probability of a parameter falling between any two values, usually symmetrically located about the mean. Referring to Figure 10 for example, the probability of a parameter being between 1 is 68.3%; between 2 is 95.4%; and between 3 is 99.7%. Input Reference Plane Test Fixture Vias 26x Test Fixture Vias Output Reference Plane TEST FIXTURE 68% Figure 11. Phase Reference Planes. 95% 99% -3 -2 -1 Mean +1 +2 (), typ Parameter Value +3 Figure 10. Normal Distribution. Phase Reference Planes The positions of the reference planes used to specify S-parameters for the MSA-2643 are shown in Figure 11. As seen in the illustration, the reference planes are located at the point where the package leads contact the test circuit for the RF input and RF output/bias. As noted under the s-parameter table in section one of the data sheet the MSA-2643 was tested in a fixture that includes plated through holes through a 0.025" thickness printed circuit board. Due to the complexity of de-embedding these grounds, the S-parameters include the effects of the test fixture grounds. Therefore, when simulating the performance of the MSA-2643 the added ground path inductance should be taken into account. For example if you were designing an amplifier on 0.031" thickness printed circuit board material, only the difference in the printed circuit board thickness needs to be included in the simulation, i.e. 0.031" - 0.025" =0.006". SMT Assembly Reliable assembly of surface mount components is a complex process that involves many material, process, and equipment factors, including: method of heating (e.g., IR or vapor phase reflow, wave soldering, etc.) circuit board material, conductor thickness and pattern, type of solder alloy, and the thermal conductivity and thermal mass of components. Components with a low mass, such as the SOT-343 package, will reach solder reflow temperatures faster than those with a greater mass. The MSA-2643 is qualified to the time-temperature profile shown in Figure 12. This profile is representative of an IR reflow type of surface mount assembly process. After ramping up from room temperature, the circuit board with components attached to it (held in place with solder paste) passes through one or more preheat zones. The preheat zones increase the temperature of the board and components to prevent thermal shock and begin evaporating solvents from the solder paste. The reflow zone briefly elevates the temperature sufficiently to produce a reflow of the solder. The rates of change of temperature for the ramp-up and cooldown zones are chosen to be low enough to not cause deformation 13 of the board or damage to components due to thermal shock. The maximum temperature in the reflow zone (TMAX) should not exceed 235C. These parameters are typical for a surface mount assembly process for the MSA-2643. As a general guideline, the circuit board and components should be exposed only to the minimum temperatures and times necessary to achieve a uniform reflow of solder. Electrostatic Sensitivity RFICs are electrostatic discharge (ESD) sensitive devices. Although the MSA-2643 is robust in design, permanent damage may occur to these devices if they are subjected to high energy electrostatic discharges. Electrostatic charges as high as several thousand volts (which readily accumulate on the human body and on test equipment) can discharge without detection and may result in degradation in performance, reliability, or failure. Electronic devices may be subjected to ESD damage in any of the following areas: * Storage & handling * Inspection & testing * Assembly * In-circuit use The MSA-2643 is a ESD Class 1 device. Therefore, proper ESD precautions are recommended when handling, inspecting, testing, assembling, and using these devices to avoid damage. References Performance data for MSA series of amplifiers are found in the CD ROM Catalog or http:// www.agilent.com/view/rf Application Notes AN-S001: Basic MODAMP MMIC Circuit Techniques AN-S002: MODAMP MMIC Nomenclature AN-S003: Biasing MODAMP MMICs AN-S011: Using Silicon MMIC Gain Blocks as Transimpedance Amplifiers AN-S012: MagIC Low Noise Amplifiers 250 TMAX 200 TEMPERATURE (C) 150 Reflow Zone 100 Preheat Zone 50 0 0 60 120 180 240 300 TIME (seconds) Cool Down Zone Figure 12. Surface Mount Assembly Profile. 14 Ordering Information Part Number MSA-2643-TR1 MSA-2643-TR2 MSA-2643-BLK No. of Devices 3000 10000 100 Container 7" Reel 13"Reel antistatic bag Package Dimensions Outline 43 SOT-343 (SC70 4-lead) 1.30 (0.051) BSC 1.30 (.051) REF 2.60 (.102) E E1 1.30 (.051) 0.55 (.021) TYP 1.15 (.045) BSC e D h 1.15 (.045) REF 0.85 (.033) A b TYP A1 L DIMENSIONS C TYP SYMBOL A A1 b C D E e h E1 L MAX. MIN. 1.00 (0.039) 0.80 (0.031) 0.10 (0.004) 0 (0) 0.35 (0.014) 0.25 (0.010) 0.20 (0.008) 0.10 (0.004) 2.10 (0.083) 1.90 (0.075) 2.20 (0.087) 2.00 (0.079) 0.65 (0.025) 0.55 (0.022) 0.450 TYP (0.018) 1.35 (0.053) 1.15 (0.045) 0.35 (0.014) 0.10 (0.004) 10 0 DIMENSIONS ARE IN MILLIMETERS (INCHES) 15 Device Orientation REEL TOP VIEW 4 mm END VIEW CARRIER TAPE USER FEED DIRECTION COVER TAPE 8 mm Tape Dimensions For Outline 4T P P0 D P2 E F W C D1 t1 (CARRIER TAPE THICKNESS) Tt (COVER TAPE THICKNESS) 8 MAX. K0 5 MAX. A0 B0 DESCRIPTION CAVITY LENGTH WIDTH DEPTH PITCH BOTTOM HOLE DIAMETER DIAMETER PITCH POSITION WIDTH THICKNESS WIDTH TAPE THICKNESS CAVITY TO PERFORATION (WIDTH DIRECTION) CAVITY TO PERFORATION (LENGTH DIRECTION) SYMBOL A0 B0 K0 P D1 D P0 E W t1 C Tt F P2 SIZE (mm) 2.24 0.10 2.34 0.10 1.22 0.10 4.00 0.10 1.00 + 0.25 1.55 0.05 4.00 0.10 1.75 0.10 8.00 0.30 0.255 0.013 5.4 0.10 0.062 0.001 3.50 0.05 2.00 0.05 SIZE (INCHES) 0.088 0.004 0.092 0.004 0.048 0.004 0.157 0.004 0.039 + 0.010 0.061 0.002 0.157 0.004 0.069 0.004 0.315 0.012 0.010 0.0005 0.205 0.004 0.0025 0.00004 0.138 0.002 0.079 0.002 PERFORATION CARRIER TAPE COVER TAPE DISTANCE www.semiconductor.agilent.com Data subject to change. Copyright (c) 2000 Agilent Technologies, Inc. 5980-2396E (9/00) |
Price & Availability of MSA-2643-T |